Part Number Hot Search : 
CDA15 5225B SMS4003K 5225B DR623CT 1PMT4635 M8085AH 9X388
Product Description
Full Text Search
 

To Download BYC10-600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Rectifier diode ultrafast, low switching loss
FEATURES
* Extremely fast switching * Low reverse recovery current * Low thermal resistance * Reduces switching losses in associated MOSFET
BYC10-600
SYMBOL
QUICK REFERENCE DATA
VR = 600 V VF 1.8 V IF(AV) = 10 A trr = 19 ns (typ)
k 1
a 2
APPLICATIONS
* Active power factor correction * Half-bridge lighting ballasts * Half-bridge/ full-bridge switched mode power supplies. The BYC10-600 is supplied in the SOD59 (TO220AC) conventional leaded package.
PINNING
PIN 1 2 tab DESCRIPTION cathode anode cathode
SOD59 (TO220AC)
tab
1
2
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL VRRM VRWM VR IF(AV) IFRM IFSM PARAMETER Peak repetitive reverse voltage Crest working reverse voltage Continuous reverse voltage Average forward current CONDITIONS MIN. -40 MAX. 600 600 500 10 20 65 71 150 150 UNIT V V V A A A A C C
Tstg Tj
Tmb 114 C = 0.5; with reapplied VRRM(max); Tmb 78 C1 Repetitive peak forward current = 0.5; with reapplied VRRM(max); Tmb 78 C1 Non-repetitive peak forward t = 10 ms current. t = 8.3 ms sinusoidal; Tj = 150C prior to surge with reapplied VRWM(max) Storage temperature Operating junction temperature
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS MIN. in free air. TYP. 60 MAX. 2 UNIT K/W K/W
September 1998
1
Rev 1.100
Philips Semiconductors
Product specification
Rectifier diode ultrafast, low switching loss
ELECTRICAL CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL VF IR trr trr Irrm Vfr PARAMETER Forward voltage Reverse current Reverse recovery time Reverse recovery time Peak reverse recovery current Forward recovery voltage CONDITIONS IF = 10 A; Tj = 150C IF = 20 A; Tj = 150C IF = 10 A; VR = 600 V VR = 500 V; Tj = 100 C IF = 10 A to VR = 400 V; dIF/dt = 500 A/s IF = 10 A to VR = 400 V; dIF/dt = 500 A/s; Tj = 125C IF = 10 A to VR = 400 V; dIF/dt = 500 A/s; Tj = 125C IF = 10 A; dIF/dt = 100 A/s MIN. TYP. 1.4 1.7 2.0 9 1.1 19 32 9.5 8
BYC10-600
MAX. 1.8 2.3 2.8 200 3.0 40 12 11
UNIT V V V A mA ns ns A V
IL Vin 150 uH typ
ID Vo = 400 V d.c.
OUTPUT DIODE
Vin Vin = 400 V d.c. IR IF
inductive load IL
500 V MOSFET
Fig.1. Typical application, output rectifier in boost converter power factor correction circuit. Continuous conduction, mode where the transistor turns on whilst forward current is still flowing in the diode.
Fig.2. Typical application, freewheeling diode in half bridge converter. Continuous conduction mode, where each transistor turns on whilst forward current is still flowing in the other bridge leg diode.
September 1998
2
Rev 1.100
Philips Semiconductors
Product specification
Rectifier diode ultrafast, low switching loss
BYC10-600
30 25 20
Forward dissipation, PF (W) Vo = 1.3 V Rs = 0.05 Ohms
BYC10-600
Tmb(max) C D = 1.0
90 100 110 120
ID dIF/dt
Irrm
0.5 0.2 0.1
ID = IL
losses due to diode reverse recovery
15 10 5
T I tp D= tp T t
time VD
130 140 150 15
0
0
5 10 Average forward current, IF(AV) (A)
Fig.3. Maximum forward dissipation as a function of average forward current; rectangular current waveform where IF(AV) =IF(RMS) x D.
Diode reverse recovery switching losses, Pdsw (W)
Fig.6. Origin of switching losses in transistor due to diode reverse recovery.
0.25
100
Reverse recovery time, trr (ns)
BYC10-600
f = 20 kHz Tj = 125 C 0.2 VR = 400 V
10 A 20 A
0.15 0.1 0.05 0 100 20 A
10 A
IF = 5 A
IF = 5 A
Tj = 125 C VR = 400 V 10 100
Rate of change of current, dIF/dt (A/us)
1000
Rate of change of current, dIF/dt (A/us)
1000
Fig.4. Typical reverse recovery switching losses in diode, as a function of rate of change of current dIF/dt.
Transistor losses due to diode reverse recovery, Ptsw (W) 20 A
Fig.7. Typical reverse recovery time trr, as a function of rate of change of current dIF/dt.
8 7 6 5 4 3
100
Peak reverse recovery current, Irrm (A)
BYC10-600
10 A
f = 20 kHz Tj = 125 C VR = 400 V
10
20 A IF = 5 A
IF = 5 A
2 1 BYC10-600 0 100 Rate of change of current, dIF/dt (A/us) 1000
Tj = 125 C VR = 400 V Rate of change of current, dIF/dt (A/us) 1000
1 100
Fig.5. Typical switching losses in transistor due to reverse recovery of diode, as a function of of change of current dIF/dt.
Fig.8. Typical peak reverse recovery current, Irrm as a function of rate of change of current dIF/dt.
September 1998
3
Rev 1.100
Philips Semiconductors
Product specification
Rectifier diode ultrafast, low switching loss
BYC10-600
I
dI F dt
F
20
Forward current, IF (A) Tj = 25 C Tj = 150 C
BYC10-600
t
15
rr time
10 typ max
Q I R I
s
10%
100%
5
rrm
0
0
1
2 Forward voltage, VF (V)
3
4
Fig.9. Definition of reverse recovery parameters trr, Irrm
Fig.12. Typical and maximum forward characteristic IF = f(VF); Tj = 25C and 150C.
20
Peak forward recovery voltage, Vfr (V) Tj = 25 C IF = 10 A
BYC10-600
100mA
Reverse leakage current (A)
BYC10-600
15 typ
10mA
Tj = 125 C 100 C 75 C
1mA
10
100uA
50 C 25 C
5
10uA
0
0
50 100 150 Rate of change of current, dIF/dt (A/ s)
200
1uA
0
100
200
300 400 Reverse voltage (V)
500
600
Fig.10. Typical forward recovery voltage, Vfr as a function of rate of change of current dIF/dt.
I
Fig.13. Typical reverse leakage current as a function of reverse voltage. IR = f(VR); parameter Tj
Transient thermal impedance, Zth j-mb (K/W)
F
10
1
time VF
0.1
0.01
P D
tp
D=
V VF time
tp T t
fr
0.001 1us
T
10us
100us 1ms 10ms 100ms 1s pulse width, tp (s) BYV79E
10s
Fig.11. Definition of forward recovery voltage Vfr
Fig.14. Maximum thermal impedance Zth j-mb as a function of pulse width.
September 1998
4
Rev 1.100
Philips Semiconductors
Product specification
Rectifier diode ultrafast, low switching loss
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
BYC10-600
4,5 max
10,3 max
1,3
3,7 2,8
5,9 min
3,0 max not tinned 3,0
15,8 max
13,5 min
1,3 max 1 (2x)
2
0,9 max (2x)
0,6
2,4
5,08
Fig.15. SOD59 (TO220AC). pin 1 connected to mounting base.
Notes 1. Refer to mounting instructions for TO220 envelopes. 2. Epoxy meets UL94 V0 at 1/8".
September 1998
5
Rev 1.100
Philips Semiconductors
Product specification
Rectifier diode ultrafast, low switching loss
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BYC10-600
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1998 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1998
6
Rev 1.100


▲Up To Search▲   

 
Price & Availability of BYC10-600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X